Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4651 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4651
Description  STM32F3 series peripheral interconnect matrix
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4651 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4651 Datasheet HTML 17Page - STMicroelectronics AN4651 Datasheet HTML 18Page - STMicroelectronics AN4651 Datasheet HTML 19Page - STMicroelectronics AN4651 Datasheet HTML 20Page - STMicroelectronics AN4651 Datasheet HTML 21Page - STMicroelectronics AN4651 Datasheet HTML 22Page - STMicroelectronics AN4651 Datasheet HTML 23Page - STMicroelectronics AN4651 Datasheet HTML 24Page - STMicroelectronics AN4651 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID027426 Rev 1
21/34
AN4651
Interconnection descriptions
33
3.6
From TS to ADC
The internal temperature sensor (VTS) is connected internally to ADC1_IN16. Figure 3
illustrates the connection between VTS and ADC1_IN16.
Figure 3. Temperature sensor channel block diagram
3.7
From VBAT to ADC
VBAT/2 output voltage can be converted using ADC1_IN17 as illustrated in Figure 4.
Figure 4. VBAT channel block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34