| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4635 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4635 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 34 page ![]() Conclusion AN4635 32/34 DocID027290 Rev 1 8 Conclusion There is no single optimal way of configuring the UART communication interface with respect to lowest possible power consumption. Depending on the application and the operational constraints, a lot of parameters have to be taken into account, the general guidelines can be summarized as follows: • use lower frequencies; • use lower voltages; • keep the MCU as much as possible in low power mode. Optimized software is also crucial part of the whole low power solution. |