| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4635 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4635 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 34 page ![]() April 2015 DocID027290 Rev 1 1/34 1 AN4635 Application note Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series Introduction Microcontrollers of the STM32L0 series feature an alternative UART interface, designed to allow the MCU to operate with minimum power requirements. This document aims to explain how to fully exploit the advantages of the Low Power UART (LPUART), thus extending product battery life for the above mentioned products. It shows in practical examples the extremely low power consumption of the device waiting for a communication. The following documents (available from www.st.com) are to be considered as reference: • Application note AN4445: “STM32L0xx ultra-low power features overview” • Reference manual RM0376: “Ultra-low-power STM32L0x2 advanced ARM®-based 32-bit MCUs”. www.st.com |
Numéro de pièce similaire - AN4635 |
|
Description similaire - AN4635 |