Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1695 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 17Page - STMicroelectronics UM1695 Datasheet HTML 18Page - STMicroelectronics UM1695 Datasheet HTML 19Page - STMicroelectronics UM1695 Datasheet HTML 20Page - STMicroelectronics UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics UM1695 Datasheet HTML 24Page - STMicroelectronics UM1695 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DocID025531 Rev 5
21/46
UM1695
Command reference
46
<p>
This page was delivered from the SPWF01Sx.11 internal HTTP server.
</p>
<p>
<a href=/config.shtml>SPWF01Sx.11 Configuration Settings Page</a>
</p>
<p>
<a href=/status.shtml>SPWF01Sx.11 Status Page</a>
</p>
</body>
</html>
OK
AT+S.HTTPGET=nonexistent.example.com,/<cr>
<cr><lf>ERROR: host not found<cr><lf>
2.25
AT+S.HTTPPOST: issue an HTTP POST
The HTTP POST performs a post of the given path to the specified host. The module can be
only used as an HTTP POST client.
Arguments:
<hostname>: target host. DNS resolvable name or IP address
<path&queryopts>: document path
<formcontent>: form to be submitted
<port>:target host port. Optional
Example:
at+s.httppost=posttestserver.com,/post.php,name=demo&email=mymail&subject=
subj&body=message<CR>
HTTP/1.1 200 OK<CR><LF>
Date: Wed, 22 Jan 2014 15:36:18 GMT<CR><LF>
Server: Apache<CR><LF>
Access-Control-Allow-Origin: *<CR><LF>
Vary: Accept-Encoding<CR><LF>
Content-Length: 141<CR><LF>
Connection: close<CR><LF>
Content-Type: text/html<CR><LF>
<CR><LF>
Successfully dumped 4 post variables.<LF>
View it at
http://www.posttestserver.com/data/2014/01/22/07.36.181370961643<LF>
Post body was 0 chars long.<CR><LF>
<CR><LF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46