Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1695 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1695
Description  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 9Page - STMicroelectronics UM1695 Datasheet HTML 10Page - STMicroelectronics UM1695 Datasheet HTML 11Page - STMicroelectronics UM1695 Datasheet HTML 12Page - STMicroelectronics UM1695 Datasheet HTML 13Page - STMicroelectronics UM1695 Datasheet HTML 14Page - STMicroelectronics UM1695 Datasheet HTML 15Page - STMicroelectronics UM1695 Datasheet HTML 16Page - STMicroelectronics UM1695 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
DocID025531 Rev 5
13/46
UM1695
Command reference
46
#
wifi_wpa_psk_raw =
00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00:00
:00:00:00:00:00:00:00
#
wifi_wpa_psk_text =
#
ip_use_dhcp = 1
#
ip_use_httpd = 1
#
ip_mtu = 1500
#
ip_hostname = iwm-AA-B9-BA
#
ip_apdomainname = captiveportal.net
#
ip_apredirect = firstset.html
#
ip_ipaddr = 192.168.0.50
#
ip_netmask = 255.255.255.0
#
ip_gw = 192.168.0.1
#
ip_dns = 192.168.0.1
#
ip_http_get_recv_timeout = 3000
#
ip_wait_timeout = 12000
#
ip_dhcp_timeout = 20
#
ip_sockd_timeout = 250
OK
2.8
AT&F: restore factory default settings
AT&F restores the factory default values of the configuration variables and writes them to
non-volatile storage. Running this command is mandatory after every FW update.
Note:
To perform the HW factory reset of the variables, the pin GPIO0 must be high during the
powerup operation.
Arguments:
none
Example:
AT&F<cr>
<cr><lf>OK<cr><lf>
2.9
AT&W: save current settings
AT&W stores the current RAM-based settings to non-volatile storage.
Arguments:
none
Example:
AT&W<cr>
<cr><lf>OK<cr><lf>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46