| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1657 Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1657 Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 48 page ![]() SPIRIT1 wireless M-BUS library and example programs UM1657 46/48 DocID025094 Rev 1 6 SPIRIT1 wireless M-BUS library and example programs The installed software package contains also support for SPIRIT1 Wireless M-BUS firmware development. The directory tree includes: SPIRIT1 Wireless M-BUS library driver in binary form for STM32L Example IAR projects for STM32L in: – ...\Firmware\WMBUS_Example\IAR\wmbus.eww Associated documentation in: – ...\Documents In order to use or modify the example project, it is required to have installed IAR Embedded Workbench for ARM v6.40 and a JTAG interface like: ST-LINKv2 Or IAR JLink |