Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1657 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 17Page - STMicroelectronics UM1657 Datasheet HTML 18Page - STMicroelectronics UM1657 Datasheet HTML 19Page - STMicroelectronics UM1657 Datasheet HTML 20Page - STMicroelectronics UM1657 Datasheet HTML 21Page - STMicroelectronics UM1657 Datasheet HTML 22Page - STMicroelectronics UM1657 Datasheet HTML 23Page - STMicroelectronics UM1657 Datasheet HTML 24Page - STMicroelectronics UM1657 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DocID025094 Rev 1
21/48
UM1657
Hardware description
48
1.5.7
LEDs
Two LEDs are available (H in Figure 6).
–
D1: yellow.
–
D2: green.
1.6
STEVAL-IKR001Vx
The SPIRIT1 DK is made up of two units connected to one PC or two PCs with USB cables.
Each unit is composed of an antenna for the selected band and two PCBs:
RF motherboard
RF module
1.6.1
STEVAL-IKR001Vx (RF motherboard)
The previous version of the motherboard is supported.
The supply voltage is provided or by USB cable or by external power supply. The switch S1
turns on or off the SPIRIT1 DK - MB.
Figure 9 highlights some features of the board as follow:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48