| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1561 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1561 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 39 page ![]() UM1561 Data sensing section for the closed loop control Doc ID 023556 Rev 1 19/39 ADC_InitStructure.ADC_NbrOfChannel = 3; ADC_Init(ADC2, &ADC_InitStructure); /* ADC2 regular channel11 configuration */ ADC_RegularChannelConfig(ADC2, ADC_Channel_11, 1, ADC_SampleTime_1Cycles5); /* ADC2 regular channel13 configuration */ ADC_RegularChannelConfig(ADC2, ADC_Channel_13, 2, ADC_SampleTime_1Cycles5); //PC3 PANEL VOLTAGE /* ADC2 regular channel15 configuration not used */ ADC_RegularChannelConfig(ADC2, ADC_Channel_15, 3, ADC_SampleTime_1Cycles5); /*External trigger enabled*/ ADC_ExternalTrigConvCmd(ADC2, ENABLE); ADC_ITConfig(ADC1, ADC_IT_EOC , ENABLE); DS_ADC_EnableAndCalibrate(ADC1); DS_ADC_EnableAndCalibrate(ADC2); } The ADC1 converts the following information at different channels: ● ADC_Channel_10 -> AC line current ● ADC_Channel_12 -> DC panel current ● ADC_Channel_14 -> DC bus voltage. /* ADC2 configuration -------------------------------------------------*/ ADC_InitStructure.ADC_Mode = ADC_Mode_RegSimult; ADC_InitStructure.ADC_ScanConvMode = ENABLE; ADC_InitStructure.ADC_ContinuousConvMode = DISABLE; ADC_InitStructure.ADC_ExternalTrigConv = ADC_ExternalTrigConv_None; ADC_InitStructure.ADC_DataAlign = ADC_DataAlign_Left; ADC_InitStructure.ADC_NbrOfChannel = 3; ADC_Init(ADC2, &ADC_InitStructure); /* ADC2 regular channel11 configuration */ ADC_RegularChannelConfig(ADC2, ADC_Channel_11, 1, ADC_SampleTime_1Cycles5); /* ADC2 regular channel13 configuration */ ADC_RegularChannelConfig(ADC2, ADC_Channel_13, 2, ADC_SampleTime_1Cycles5); /* ADC2 regular channel15 configuration not used */ ADC_RegularChannelConfig(ADC2, ADC_Channel_15, 3, ADC_SampleTime_1Cycles5); /*External trigger enabled*/ ADC_ExternalTrigConvCmd(ADC2, ENABLE); |