| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1561 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1561 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 39 page ![]() Data sensing section for the closed loop control UM1561 18/39 Doc ID 023556 Rev 1 DMA_ClearFlag(DMA1_FLAG_TC1); } where ● (vu32)DataSensing.Init.DataRegister; is (Data Register stores the I/O information). DS_ADCx_Configuration(….): The ADC is triggered by an external trigger. The update event of TIM8 generates the trigger signal to acquire the I/O information. void DS_ADCx_Configuration(void) { /* ADC1 configuration -------------------------------------------------*/ ADC_InitStructure.ADC_Mode = ADC_Mode_RegSimult; ADC_InitStructure.ADC_ScanConvMode = ENABLE; ADC_InitStructure.ADC_ContinuousConvMode = DISABLE; ADC_InitStructure.ADC_ExternalTrigConv = ADC_ExternalTrigConv_Ext_IT11_TIM8_TRGO; ADC_InitStructure.ADC_DataAlign = ADC_DataAlign_Left; ADC_InitStructure.ADC_NbrOfChannel = 3; ADC_Init(ADC1, &ADC_InitStructure); /* ADC1 regular channel10 configuration */ ADC_RegularChannelConfig(ADC1, ADC_Channel_10, 1, ADC_SampleTime_1Cycles5); //AC Line current /* ADC1 regular channel12 configuration */ ADC_RegularChannelConfig(ADC1, ADC_Channel_12, 2, ADC_SampleTime_1Cycles5); //DC Panel current /* ADC1 regular channel12 configuration */ ADC_RegularChannelConfig(ADC1, ADC_Channel_14, 3, ADC_SampleTime_1Cycles5); //BUS Voltage /*External trigger enabled*/ ADC_ExternalTrigConvCmd(ADC1, ENABLE); //AFIO_REMAP for Trigger on Tim8 TRGO GPIO_PinRemapConfig(GPIO_Remap_ADC1_ETRGREG, ENABLE); /* Enable ADC1 DMA */ ADC_DMACmd(ADC1, ENABLE); /* ADC2 configuration ------------------------------------------------*/ ADC_InitStructure.ADC_Mode = ADC_Mode_RegSimult; ADC_InitStructure.ADC_ScanConvMode = ENABLE; ADC_InitStructure.ADC_ContinuousConvMode = DISABLE; ADC_InitStructure.ADC_ExternalTrigConv = ADC_ExternalTrigConv_None; ADC_InitStructure.ADC_DataAlign = ADC_DataAlign_Left; |