Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1560 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 19Page - STMicroelectronics UM1560 Datasheet HTML 20Page - STMicroelectronics UM1560 Datasheet HTML 21Page - STMicroelectronics UM1560 Datasheet HTML 22Page - STMicroelectronics UM1560 Datasheet HTML 23Page - STMicroelectronics UM1560 Datasheet HTML 24Page - STMicroelectronics UM1560 Datasheet HTML 25Page - STMicroelectronics UM1560 Datasheet HTML 26Page - STMicroelectronics UM1560 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
DocID023545 Rev 1
23/59
UM1560
Interaction with the server to setup the STEVAL-IPC004V1
59
Figure 22. Synchronization operation result
There is a default item allotment table (table containing item information about the
transaction) available in the STEVAL-IPC004V1 server application.
During the synchronization, any sales record available in the STEVAL-IPC004V1 terminal
merges with the server database and updated item allotment table is downloaded in the
STEVAL-IPC004V1 memory. Thanks to the option available in the form “Retain Sales Data”,
sales data can be retained in the STEVAL-IPC004V1 memory.
Note:
Default item allotment table is given just for demo purpose. The administrator of the
STEVAL-IPC004V1 server application can generate a new item allotment table. How to
generate the item allotment table is described in the following section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59