Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1560 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 10Page - STMicroelectronics UM1560 Datasheet HTML 11Page - STMicroelectronics UM1560 Datasheet HTML 12Page - STMicroelectronics UM1560 Datasheet HTML 13Page - STMicroelectronics UM1560 Datasheet HTML 14Page - STMicroelectronics UM1560 Datasheet HTML 15Page - STMicroelectronics UM1560 Datasheet HTML 16Page - STMicroelectronics UM1560 Datasheet HTML 17Page - STMicroelectronics UM1560 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Major component description
UM1560
14/59
DocID023545 Rev 1
3
Major component description
3.1
STEVAL-IPC004V1 PC server application
The STEVAL-IPC004V1 evaluation board is a modular system based on the STM32F1
series, which comes with server applications to complete the transaction.
The system interacts with a PC-based server application on a USB-based vendor specific
protocol. Before the initialization, an authentication process based on AES128 encryption
algorithm is performed. Once the STEVAL-IPC004V1 system is authenticated, access to
sales record is allowed.
Figure 13. STEVAL-IPC004V1 PC-based server application
To know the details about the STEVAL-IPC004V1 server application, please refer to its help
file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59