Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1547 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Error responses
UM1547
30/51
DocID023232 Rev 5
4.3
ErrFormat
The ErrFormat error response will be sent if ATn FW receives a command (text terminated
by a carriage return or line feed) that does not match the expected format starting with
"AT+AB".
Examples of commands that produce this error response are given in the following table.
4.4
ErrInvalidParam
The ErrInvalidParam error response will be sent if the parameters for the requested
command are not correct. The parameter(s) will be echoed back to the user starting from
the parameter that was rejected.
Examples of commands that produce this error response are given in the following table.
4.5
ErrNumParam
The ErrNumParam error response will be sent if there are too few parameters for the
requested command. A command sent with too many parameters does not generate an
error; instead, the extra parameters are ignored.
Note:
Some commands will accept a variable number of parameters.
Examples of commands that produce this error response are given in the following table.
Table 5. Example commands that generate <ErrFormat>
Example
Reason
AT-AB discovery
A valid command name that does not start with the right prefix.
SPPConnect 00043e000000
A command that does not start with “AT+AB”.
abcdef
A command that does not start with “AT+AB”.
Table 6. Example commands that generate <ErrInvalidParam>
Example
Response
Reason
AT+AB SPPConnect 8136
AT-AB ErrInvalidParam
8136
Numeric parameter not specified with required number
of digits (BD address must always be 12 hex
characters).
AT+AB SPPConnect
00043e008136 GOEP
AT-AB ErrInvalidParam
goep
Unrecognized (or unsupported) symbolic parameter
used.
AT+AB ChangeBaud 1600
AT-AB ErrInvalidParam
1600
Numeric parameter is out of range (specified baud rate
is not supported by command).
AT+AB EnableBond
00043e000000
12345678901234567
AT-AB ErrInvalidParam
12345678901234567
String parameter (PIN) has too many characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51