Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1547 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics UM1547 Datasheet HTML 31Page - STMicroelectronics UM1547 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
AT command list
UM1547
28/51
DocID023232 Rev 5
3.41
UpdatePageScan
The UpdatePageScan command is used to modify the Page scan parameters: mode,
duration, and interval.
3.41.1
Syntax
AT+AB UpdatePageScan [mode] [duration] [interval]
where [mode] is the connectable mode:
•
0: non-connectable
•
1: connectable
[duration] is the scan length in slots; 18 to 4096. The default duration is 18 slots.
[interval] is the period between scans in slots; 18 to 4096. The default interval is 2048 slots
3.41.2
Responses
If the command is successful, the response is:
AT-AB PageScanUpdateDone
3.42
Version
The version command is used to return the current version of the ATn FW interface.
3.42.1
Syntax
AT+AB Version
3.42.2
Responses
If the operation is successful, the response is:
AT-AB ATn FWVer [x.y]
where [x.y] is the current version of the ATn FW interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51