Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4433 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 19Page - STMicroelectronics AN4433 Datasheet HTML 20Page - STMicroelectronics AN4433 Datasheet HTML 21Page - STMicroelectronics AN4433 Datasheet HTML 22Page - STMicroelectronics AN4433 Datasheet HTML 23Page - STMicroelectronics AN4433 Datasheet HTML 24Page - STMicroelectronics AN4433 Datasheet HTML 25Page - STMicroelectronics AN4433 Datasheet HTML 26Page - STMicroelectronics AN4433 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
M24SRxx-Y
answer
PCB
Response (R-APDU)
…
Data
…
0x03 0x4D(4) 0x32(4) 0x34(4) 0x53(4) 0x52(4) 0x20(4) 0x70(4) 0x72(4) 0x6F(4) 0x70(4) 0x72(4) 0x69(4) 0x65(4) 0x74(4) 0x61(4) 0x72(4) 0x79(4) 0x20(4) 0x64(4)
…
…
Response (R-APDU)
CRC
…Data
Sw1
Sw2
…0x61(4) 0x74(4) 0x61(4) 0x90
0x00
0xC8
0xF1
Deselect
PCB
CRC
0xC2
0xE0
0xB4
M24SRxx-Y
answer
PCB
CRC
0xC2
0xE0
0xB4
1.
64 K-bit EEPROM size
2.
NDEF file is locked in Read-Only
3.
NDEF File Record #1
4.
String “M24SR proprietary data in the area “beyond the NDEF message”
Table 2. NDEF file read sequence over RF interface (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34