Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4433 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4433
Description  Storing data into the NDEF memory of M24SR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4433 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4433 Datasheet HTML 5Page - STMicroelectronics AN4433 Datasheet HTML 6Page - STMicroelectronics AN4433 Datasheet HTML 7Page - STMicroelectronics AN4433 Datasheet HTML 8Page - STMicroelectronics AN4433 Datasheet HTML 9Page - STMicroelectronics AN4433 Datasheet HTML 10Page - STMicroelectronics AN4433 Datasheet HTML 11Page - STMicroelectronics AN4433 Datasheet HTML 12Page - STMicroelectronics AN4433 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID025791 Rev 1
9/34
AN4433
M24SR specificities
33
2
M24SR specificities
2.1
Memory access through I²C
An NFC Forum Type 4 Tag can be read through RF interface, by applying procedure
described in Section 1.2
M24SRxx-Y products offer an I²C interface, that gives the same “file access” possibility: an
application has to apply the “NDEF Detection Procedure”, inside ISODEP protocol, on top of
I²C protocol.
This serial interface makes the tag “dynamic”, as its content can be changed by the
application, all along the tag lifetime.
–See doc [2]. for “NDEF Detection Procedure”.
–See doc [1]. for ISODEP protocol.
–See doc [6]. for I²C protocol.
For examples of file accesses through I²C.
–See Appendix C.
2.2
ExtendedReadBinary command
Basically, when reading data in an NDEF file of an NFC Forum Type 4 Tag, the ReadBinary
command only allows reading the NDEF message of the file.
The Write command (UpdateBinary) allows writing data on the whole file.
See Section 2.4 for more visibility on NDEF file / NDEF message / memory beyond NDEF
message.
See doc. [2]. for these procedures.
But this lets unused memory area at the end of the NDEF file.
For example:
–
M24SR64-Y: 8190 available bytes for NDEF message
–
Message content: URL “http://www.st.com/nfc-rfid”
–
NDEF message length (1 NDEF record): 20 bytes
–
8170 remaining non-readable bytes in NDEF file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34