Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4326 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4326
Description  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4326 Datasheet HTML 1Page - STMicroelectronics AN4326 Datasheet HTML 2Page - STMicroelectronics AN4326 Datasheet HTML 3Page - STMicroelectronics AN4326 Datasheet HTML 4Page - STMicroelectronics AN4326 Datasheet HTML 5Page - STMicroelectronics AN4326 Datasheet HTML 6Page - STMicroelectronics AN4326 Datasheet HTML 7Page - STMicroelectronics AN4326 Datasheet HTML 8Page - STMicroelectronics AN4326 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID024976 Rev 1
5/17
AN4326
External ESD protection implemented on an M24LR16E antenna
16
1
External ESD protection implemented on an
M24LR16E antenna
During the IEC61000-4-2 tests, electrostatic discharges are applied in air or by contact
using an ESD gun.
Note:
See AN3353 “IEC 61000-4-2 standard testing”.
The ESD is conducted by the antenna and dissipated by the AC0 and AC1 pins built-in ESD
protections. An external ESD protection placed between the potential ESD source (the
antenna) and the M24LRXXE-R can improve the M24LRXXE-R ESD robustness.
Figure 1. External ESD protection on M24LRXXE-R 13.56 MHz loop antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17