Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4326 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4326
Description  Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4326 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4326 Datasheet HTML 5Page - STMicroelectronics AN4326 Datasheet HTML 6Page - STMicroelectronics AN4326 Datasheet HTML 7Page - STMicroelectronics AN4326 Datasheet HTML 8Page - STMicroelectronics AN4326 Datasheet HTML 9Page - STMicroelectronics AN4326 Datasheet HTML 10Page - STMicroelectronics AN4326 Datasheet HTML 11Page - STMicroelectronics AN4326 Datasheet HTML 12Page - STMicroelectronics AN4326 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID024976 Rev 1
9/17
AN4326
Layout rules
16
3
Layout rules
Note:
See AN576.
The layout and placement of the external ESD protection are an important point in the
protection efficiency: the external ESD protection must be placed between the ESD source
(antenna) and the M24LRXXE-R. The external ESD protection must be placed as close as
possible to the ESD source (antenna). The connection between the M24LRXXE-R and the
antenna must start from the ESD protection.
Figure 4. Efficient ESD protection implementation
Figure 5. Wrong ESD protection implementation
Note:
It is also recommended to use a ground plane instead of ground wires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17