| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4296 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4296 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 25 page ![]() DocID024590 Rev 3 23/25 AN4296 Execute application code from CCM RAM using a GNU-based toolchain 24 4.3 Executing a library from CCM RAM Follow the steps below to execute a library from CCM RAM: 1. Add the .ccmram section in the linker file as defined in Section 4.1. 2. Place your libray in CCM RAM as shown below: Figure 21. GNU library placement |