| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4296 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4296 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 25 page ![]() DocID024590 Rev 3 21/25 AN4296 Execute application code from CCM RAM using a GNU-based toolchain 24 b LoopCopyDataInit1 CopyDataInit1: ldr r3, =_siccmram ldr r3, [r3, r1] str r3, [r0, r1] adds r1, r1, #4 LoopCopyDataInit1: ldr r0, =_sccmram ldr r3, =_eccmram adds r2, r0, r1 cmp r2, r3 bcc CopyDataInit1 ldr r2, =_sbss b LoopFillZerobss /* Zero fill the bss segment. */ FillZerobss: movs r3, #0 str r3, [r2], #4 LoopFillZerobss: ldr r3, = _ebss cmp r2, r3 bcc FillZerobss /* Call the clock system intitialization function.*/ bl SystemInit /* Call the application's entry point.*/ bl main bx lr 4. Place the part of code to be executed from CCM RAM in the .ccmram section by adding the attribute key word in the function prototype: Figure 19. GNU function placement |