Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4221 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4221
Description  I2C protocol used in the STM32 bootloader
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4221 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4221 Datasheet HTML 1Page - STMicroelectronics AN4221 Datasheet HTML 2Page - STMicroelectronics AN4221 Datasheet HTML 3Page - STMicroelectronics AN4221 Datasheet HTML 4Page - STMicroelectronics AN4221 Datasheet HTML 5Page - STMicroelectronics AN4221 Datasheet HTML 6Page - STMicroelectronics AN4221 Datasheet HTML 7Page - STMicroelectronics AN4221 Datasheet HTML 8Page - STMicroelectronics AN4221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
DocID024055 Rev 2
5/51
AN4221
I2C bootloader code sequence
50
1
I2C bootloader code sequence
Figure 1. Bootloader for STM32 with I2C
Note:
The I2C slave address for each product's bootloader is specified in the AN2606.
Once the system memory boot mode has been entered, and the STM32 microcontroller has
been configured (for more details, refer to your STM32 system memory boot mode
application note), the bootloader code begins to scan the I2C_SDA line pin, waiting to detect
its own address on the bus. Once detected, the I2C bootloader firmware begins receiving
host commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page