Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4221 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4221
Description  I2C protocol used in the STM32 bootloader
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4221 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4221 Datasheet HTML 9Page - STMicroelectronics AN4221 Datasheet HTML 10Page - STMicroelectronics AN4221 Datasheet HTML 11Page - STMicroelectronics AN4221 Datasheet HTML 12Page - STMicroelectronics AN4221 Datasheet HTML 13Page - STMicroelectronics AN4221 Datasheet HTML 14Page - STMicroelectronics AN4221 Datasheet HTML 15Page - STMicroelectronics AN4221 Datasheet HTML 16Page - STMicroelectronics AN4221 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
DocID024055 Rev 2
13/51
AN4221
Bootloader command set
50
Figure 6. Get ID command: host side
1. GID = Get ID.
Figure 7. Get ID command: device side
1. GID = Get ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51