| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4101 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4101 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 21 page ![]() AN4101 LIN and J2602 software packages Doc ID 23127 Rev 1 19/21 8 LIN and J2602 software packages This application note and the attached project show how to use the STM8AF and STM8AL features to implement a LIN driver. A complete LIN Software Package solution is available for free from STMicroelectronics for STM8AF and STM8AL microcontroller families. This software package is compliant with the LIN 1.3, LIN 2.0 and LIN 2.1 standards. A J2602 software package is also available for the STM8AF family. A LIN 2.1 conformance test and J2602 conformance test have been run by a test house accredited by the LIN consortium. Certificates are available at www.st.com. Please refer to UM0941 and UM1583 for more details, and contact your STMicroelectronics sales office to get one of these packages. |