Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4101 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4101
Description  LIN communication with STM8A-DISCOVERY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 7Page - STMicroelectronics AN4101 Datasheet HTML 8Page - STMicroelectronics AN4101 Datasheet HTML 9Page - STMicroelectronics AN4101 Datasheet HTML 10Page - STMicroelectronics AN4101 Datasheet HTML 11Page - STMicroelectronics AN4101 Datasheet HTML 12Page - STMicroelectronics AN4101 Datasheet HTML 13Page - STMicroelectronics AN4101 Datasheet HTML 14Page - STMicroelectronics AN4101 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN4101
Implementing a LIN slave node with STM8AF board
Doc ID 23127 Rev 1
11/21
5.2.2
LINUART interrupt
The LINUART interrupt reads and clears the hardware flags in the LINUART registers, and
sets the appropriate software flags to allow transitions in the basic LIN driver state machine:
●
HeaderReceived, which is set if the header detection flag (LHDF) is set in the interrupt
routine
●
DataReceived, which is set if the RXNE flag is set
●
IdentifierParityError, which might be set if the header detection flag is set, after first
checking the parity flag
●
ReceptionError, which is set if the case framing error flag (FE), the overrun flag (OR),
or the LIN synchro flag (LSF) is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21