| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0463 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0463 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 30 page ![]() UM0463 The USB state machine of the control endpoint 19/30 Figure 2. State machine execution In summary, the callback function USER_USB_Setup() opens the door for the user code to parse the class specific or vendor specific requests or the Get Descriptor requests for nonconstant descriptors. The callback functions USER_USB_CopydataIN() and USER_USB_CopydataOUT() transfer data for those requests. The callback functions USER_USB_Status_In() and USER_USB_Status_Out() inform the user code that the process of a SETUP request is finished. Note: For a complete list of callback functions please refer to Section 7.3. The library checks the data transfer direction and the data transfer length. In_Data Out_Data Wait_Status_In Wait_Status_Out The library parses the request and passes non- standard request to USER_Setup(). The variable vUSB_DataToSend and vUSB_length are set according to the request. One data packet is sent. In_Data The library copies the next data packet to the DMA buffer if the data buffer is continued. Otherwise, USER_CopydataIN() is called. Data IN stage One data packet is received and USER_CopydataOUT() is called. Out_Data Wait_Status_In Data OUT stage USER_Status_Out() is called after the device acknowledges the status OUT stage. USER_Status_In() is called after the device acknowledges the status OUT stage. Wait_Setup Wait_Setup A SETUP packet is received and is copied to sUSB_vSetup structure. |