Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0463 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce UM0463
Description  ST7 full-speed USB library
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0463 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button UM0463 Datasheet HTML 3Page - STMicroelectronics UM0463 Datasheet HTML 4Page - STMicroelectronics UM0463 Datasheet HTML 5Page - STMicroelectronics UM0463 Datasheet HTML 6Page - STMicroelectronics UM0463 Datasheet HTML 7Page - STMicroelectronics UM0463 Datasheet HTML 8Page - STMicroelectronics UM0463 Datasheet HTML 9Page - STMicroelectronics UM0463 Datasheet HTML 10Page - STMicroelectronics UM0463 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
UM0463
Programming model of the library
7/30
2
Programming model of the library
2.1
Handling control endpoint 0
The USB specification[1] defines four transfer types, Control, Interrupt, Bulk and
Isochronous. The USB host sends requests to the device through the control endpoint
(every USB device has only one control endpoint). The format of the requests is defined and
is sent to the device as a SETUP packet. The meaning of the requests is classified into
three categories: standard, class specific and vendor specific.
Since the standard requests are common and generic to all USB devices, the library
receives and handles all standard requests on the control endpoint 0. The library also
handles DFU specific requests by itself without any user code intervention. The library
answers requests without the intervention of the user application if the library has enough
information about the requests.
Otherwise, the library will call user application defined callback functions to process the
requests when some application actions are needed or some information from the
application is needed.
The format and the meaning of the class specific requests and the vendor specific requests
are not common to all USB devices. The library does not handle any of the requests in these
categories except DFU requests. Whenever the library receives a request that it does not
know, the library calls a user defined callback function and passes the request to the user
application code.
All the SETUP requests are processed with a state machine. Two models are implemented
to run this state machine, the polling model and the interrupt model.
As stated previously in Section 1.2.1: USB device, an interrupt is generated at the end of the
correct USB transfer. The library code receives this interrupt. In the interrupt process
routine, the trigger endpoint is identified. If the event is Correct Transfer on endpoint 0, the
state machine is started with the token received in the interrupt model immediately, or the
token received is saved and the state machine is started from the main loop in the polling
model afterward.
The advantage of the interrupt model is that the device answers the host requests to the
control endpoint in the fastest way which improves the overall performance of the whole
USB system. The disadvantage of the interrupt model is that the MCU global interrupt will
be disabled for a slightly longer time and the other application defined interrupt events have
to wait for the USB process finishes to be served. Some programming restrictions are
required in the interrupt model because of the limitation of the particular compiler.
On the other hand, the advantage and the disadvantage of the polling model are reversed.
The running of the USB state machine would not interfere with the other part of the
application. The application developer has the freedom to run the USB state machine at the
time when he/she wants. In the polling model, the library responds to the USB requests
quite slower than running in the interrupt model. This may slow down the bus in a fast
system or in systems with a lot of transactions on the control endpoint.
In the polling model, USB_Polling () is used to run the USB state machine. The user code
has to call this function from his/her main (see app_main () function) loop. The USB model is
selected in the configuration file (mcu_conf.h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com