Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0248 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM0248
Description  This user manual describes the driver functions developed
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0248 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM0248 Datasheet HTML 18Page - STMicroelectronics UM0248 Datasheet HTML 19Page - STMicroelectronics UM0248 Datasheet HTML 20Page - STMicroelectronics UM0248 Datasheet HTML 21Page - STMicroelectronics UM0248 Datasheet HTML 22Page - STMicroelectronics UM0248 Datasheet HTML 23Page - STMicroelectronics UM0248 Datasheet HTML 24Page - STMicroelectronics UM0248 Datasheet HTML 25Page - STMicroelectronics UM0248 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
UM0248
Webserver demo with uIP TCP/IP stack
23/26
3
Webserver demo with uIP TCP/IP stack
3.1
uIP overview
uIP is a free TCP-IP stack designed originally for 8-bit/16-bit microcontrollers, it needs only a
few kilobytes of RAM and less than 100 Kbytes for code.
The uIP stack provides support for several applications like web server and client applica-
tions, ICMP , telnet,...
For more details about the uIP stack please refer to: www.sics.se/~adam/uip/
3.2
ENET driver interfacing with the uIP stack
The webserver demo in the uIP stack is based on a main loop as shown in Figure 3.
Figure 3.
uIP main loop
In order to interface with the uIP stack, you just need to provide driver functions to receive
and send IP packets.
The driver functions used here are:
ENET_HandleTxPkt : sends an IP packet.
ENET_HandleRxPkt: checks for a received packet and copies it to the stack buffer.
For implementation details please refer to uIP stack file: uIPMain.c file
Check for timeout
Check for packet
Process packet
Application
Output packets
Output packets
Application
AProcess timeout
ENET_HandleTxPkt
ENET_HandleRxPkt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26