| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0248 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0248 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 26 page ![]() UM0248 ENET firmware library 21/26 2.2.17 ENET_PHYITConfig 2.2.18 ENET_PHYGetITSrc 2.2.19 ENET_PHYIsolate Function name ENET_PHYITConfig Function prototype void ENET_PHYITConfig(u8 phyDev, u32 PHY_IT, FunctionalState NewState) Behavior description Enables or disables the specified PHY interrupt. Input parameter 1 phyDev: specifies the PHY device address. Input parameter 2 PHY_IT: specifies the PHY interrupt source to be configured. Input parameter 3 NewState: new state of the specified PHY interrupt. Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIWriteReg ENET_MIIReadReg Function name ENET_PHYGetITSrc Function prototype u32 ENET_PHYGetITSrc(u8 phyDev) Behavior description Specifies the source of the PHY interrupt Input parameter phyDev: specifies the PHY device address Output parameter None Return parameter The PHY source interrupt Required preconditions None Called functions ENET_MIIReadReg Function name ENET_PHYIsolate Function prototype void ENET_PHYIsoalte(u8 phyDev, FunctionalState NewState) Behavior description Isolates the PHY device from the MII Input parameter 1 phyDev: specifies the PHY device address Input parameter 2 NewState: new state of link PHY/MII Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIReadReg ENET_MIIWriteReg |