Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN0280 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TN0280
Description  Migrating from the LRI2K to the LRI1K RFID IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0280 Fiches technique(HTML) 4 Page - STMicroelectronics

  TN0280 Datasheet HTML 1Page - STMicroelectronics TN0280 Datasheet HTML 2Page - STMicroelectronics TN0280 Datasheet HTML 3Page - STMicroelectronics TN0280 Datasheet HTML 4Page - STMicroelectronics TN0280 Datasheet HTML 5Page - STMicroelectronics TN0280 Datasheet HTML 6Page - STMicroelectronics TN0280 Datasheet HTML 7Page - STMicroelectronics TN0280 Datasheet HTML 8Page - STMicroelectronics TN0280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RF interface
TN0280
4/12
Doc ID 17392 Rev 1
1
RF interface
Both LRI2K and LRI1K support all data rates and modulation defined in the ISO 15693
standard.
Table 1.
ISO 15693 RF Interface modes
Modulation and data transfer
LRI2K
LRI1K
10% / 100% modulation
both
both
1/4 and 1/256 pulse coding
both
both
Manchester coding 1 sub
carrier/ 2 subcarrier
both
both
High datarate / low datarate
6.6 kbit / 26 kbit/s
6.6 kbit / 26 kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12