Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN0280 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TN0280
Description  Migrating from the LRI2K to the LRI1K RFID IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0280 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TN0280 Datasheet HTML 4Page - STMicroelectronics TN0280 Datasheet HTML 5Page - STMicroelectronics TN0280 Datasheet HTML 6Page - STMicroelectronics TN0280 Datasheet HTML 7Page - STMicroelectronics TN0280 Datasheet HTML 8Page - STMicroelectronics TN0280 Datasheet HTML 9Page - STMicroelectronics TN0280 Datasheet HTML 10Page - STMicroelectronics TN0280 Datasheet HTML 11Page - STMicroelectronics TN0280 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TN0280
Die description
Doc ID 17392 Rev 1
9/12
6
Die description
As described in the technical notes TN0052 LRI2K die description and TN0252 LRI1K die
description, the wafer, die features, pad number and pad positioning are identical for LRI2K
and LRI1K.
As a consequence, LRI1K can be used as a direct replacement for LRI2K regarding the
design of the antenna connections.
However, you must pay attention to the value of the LRI2K tuning capacitor used in the
application (see Section 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12