| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0068 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0068 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 31 page ![]() Register descriptions PM0068 28/31 Doc ID 17100 Rev 2 3.12 Flash address register2 (FLASH_AR2) This register is dedicated to Flash memory bank 2. Address offset: 0x54 Reset value: 0x0000 0000 Updated by hardware with the currently/last used address. For Page Erase operations, this should be updated by software to indicate the chosen page. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 FAR[31:16] www www w w ww wwww w w 15 14 13 12 11 10 9 8 7654 32 1 0 FAR[15:0] www www w w ww wwww w w Bits 31:0 FAR: Flash Address Chooses the address to program when programming is selected, or a page to erase when Page Erase is selected. Note: Write access to this register is blocked when the BSY bit in the FLASH_SR2 register is set. |