| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0068 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0068 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 31 page ![]() Reading/programming the STM32F101xF/G and STM32F103xF/G embedded Flash memory 12/31 Doc ID 17100 Rev 2 2.3.4 Flash memory erase The Flash memory can be erased page by page or completely (Mass Erase). Page Erase A page of the Flash memory can be erased using the Page Erase feature of the FPEC. To erase a page, the procedure below should be followed: ● Check that no Flash memory operation is ongoing by checking the BSY bit in the FLASH_CR register ● Set the PER bit in the FLASH_CR register ● Program the FLASH_AR register to select a page to erase ● Set the STRT bit in the FLASH_CR register ● Wait for the BSY bit to be reset ● Read the erased page and verify Figure 2. Flash memory Page Erase procedure |