| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0054 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0054 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 28 page ![]() PM0054 Programming STM8 Flash microcontrollers Doc ID 15433 Rev 9 23/28 5.6 Memory access versus programming method Table 10 gives a description of possible accesses from the core to memory areas according to the programming method. Table 10. Memory access versus programming method(1) Mode ROP Memory Area Low density STM8L101x Low and medium density STM8L05x/15x Medium density STM8AL31xx / STM8AL3Lxx High density STM8L05x/15x/16x Access from core User, IAP, and Bootloader (if available) Readout protection enabled Interrupt vectors except for TRAP and TLI (if available) R/W(2)/E TRAP and TLI (if available) R/W(3)/E Proprietary code area (PCODE) (if available) R/E User boot code area (UBC) R/E Main program R/W/E(4) Data EEPROM area (DATA) R/W(5) Option bytes R Readout protection disabled Interrupt vectors except for TRAP and TLI (if available) R/W(2)/E TRAP and TLI (if available) R/W(3)/E Proprietary code area (PCODE) (if available) R/E(6) User boot code area (UBC) R/E(7) Main program R/W/E(4) Data EEPROM area (DATA) R/W(5) Option bytes R R/W(8) |