Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0054 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 18Page - STMicroelectronics PM0054 Datasheet HTML 19Page - STMicroelectronics PM0054 Datasheet HTML 20Page - STMicroelectronics PM0054 Datasheet HTML 21Page - STMicroelectronics PM0054 Datasheet HTML 22Page - STMicroelectronics PM0054 Datasheet HTML 23Page - STMicroelectronics PM0054 Datasheet HTML 24Page - STMicroelectronics PM0054 Datasheet HTML 25Page - STMicroelectronics PM0054 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Programming STM8 Flash microcontrollers
PM0054
22/28
Doc ID 15433 Rev 9
On medium STM8L05x/15x and STM8AL31xx/STM8AL3Lxx, medium+ density STM8L15x
and high density STM8L05x/15x/16x devices, option bytes can be modified both in user/IAP
mode and ICP mode (using the SWIM), except for the readout protection (ROP), UBC and
PCODESIZE which can only be removed in ICP mode. In ICP mode, OPT bit in the
FLASH_CR2 register must be set to ‘1’ before modifying option bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28