| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3427 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3427 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 52 page ![]() AN3427 Firmware migration using the library Doc ID 019001 Rev 1 41/52 Table 13. STM32F10x and STM32F2xx FLASH driver API correspondence STM32F10x Flash driver API STM32F2xx Flash driver API void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_SetLatency(uint32_t FLASH_Latency); void FLASH_PrefetchBufferCmd(uint32_t FLASH_PrefetchBuffer); void FLASH_PrefetchBufferCmd(FunctionalState NewState); void FLASH_HalfCycleAccessCmd(uint32_t FLASH_HalfCycleAccess); NA NA void FLASH_InstructionCacheCmd(FunctionalState NewState); NA void FLASH_DataCacheCmd(FunctionalState NewState); NA void FLASH_InstructionCacheReset(void); NA void FLASH_DataCacheReset(void); void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); void FLASH_ITConfig(uint32_t FLASH_IT, FunctionalState NewState); void FLASH_Unlock(void); void FLASH_Unlock(void); void FLASH_Lock(void); void FLASH_Lock(void); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_EraseSector(uint32_t FLASH_Sector); FLASH_Status FLASH_EraseAllPages(void); FLASH_Status FLASH_EraseAllSectors(void); FLASH_Status FLASH_EraseOptionBytes(void); NA NA FLASH_Status FLASH_ProgramDoubleWord(uint32_t Address, uint64_t Data); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); NA FLASH_Status FLASH_ProgramByte(uint32_t Address, uint8_t Data); |