Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3427 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN3427
Description  Migrating a microcontroller application from STM32F1 to STM32F2 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3427 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN3427 Datasheet HTML 24Page - STMicroelectronics AN3427 Datasheet HTML 25Page - STMicroelectronics AN3427 Datasheet HTML 26Page - STMicroelectronics AN3427 Datasheet HTML 27Page - STMicroelectronics AN3427 Datasheet HTML 28Page - STMicroelectronics AN3427 Datasheet HTML 29Page - STMicroelectronics AN3427 Datasheet HTML 30Page - STMicroelectronics AN3427 Datasheet HTML 31Page - STMicroelectronics AN3427 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Peripheral migration
AN3427
28/52
Doc ID 019001 Rev 1
34
I2C2_ER
I2C2_ER
35
SPI1
SPI1
36
SPI2
SPI2
37
USART1
USART1
38
USART2
USART2
39
USART3
USART3
40
EXTI15_10
EXTI15_10
41
RTC_Alarm
RTC_Alarm
42
OTG_FS_WKUP / USBWakeUp
OTG_FS_WKUP
43
TIM8_BRK / TIM8_BRK_TIM12 (1)
TIM8_BRK_TIM12
44
TIM8_UP / TIM8_UP_TIM13 (1)
TIM8_UP_TIM13
45
TIM8_TRG_COM /
TIM8_TRG_COM_TIM14 (1)
TIM8_TRG_COM_TIM14
46
TIM8_CC
TIM8_CC
47
ADC3
DMA1_Stream7
48
FSMC
FSMC
49
SDIO
SDIO
50
TIM5
TIM5
51
SPI3
SPI3
52
UART4
UART4
53
UART5
UART5
54
TIM6 / TIM6_DAC (1)
TIM6_DAC
55
TIM7
TIM7
56
DMA2_Channel1
DMA2_Stream0
57
DMA2_Channel2
DMA2_Stream1
58
DMA2_Channel3
DMA2_Stream2
59
DMA2_Channel4 / DMA2_Channel4_5(1)
DMA2_Stream3
60
DMA2_Channel5
DMA2_Stream4
61
ETH
ETH
62
ETH_WKUP
ETH_WKUP
63
CAN2_TX
CAN2_TX
64
CAN2_RX0
CAN2_RX0
65
CAN2_RX1
CAN2_RX1
66
CAN2_SCE
CAN2_SCE
67
OTG_FS
OTG_FS
Table 8.
Interrupt vector differences between STM32 F1 series and STM32 F2 series
Position
STM32 F1 series
STM32 F2 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52