Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3322 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 27Page - STMicroelectronics AN3322 Datasheet HTML 28Page - STMicroelectronics AN3322 Datasheet HTML 29Page - STMicroelectronics AN3322 Datasheet HTML 30Page - STMicroelectronics AN3322 Datasheet HTML 31Page - STMicroelectronics AN3322 Datasheet HTML 32Page - STMicroelectronics AN3322 Datasheet HTML 33Page - STMicroelectronics AN3322 Datasheet HTML 34Page - STMicroelectronics AN3322 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
DocID18304 Rev 1
31/38
AN3322
Computational issues and compensation algorithms
The voltage and IL are shifted by two samples:
Equation 31
Tshift_I_L ~ 2 samples ~3 µs ~ 0.05 deg.
The voltage and IH are shifted by four samples:
Equation 32
Tshift_I_H ~ 4 samples ~ 6 µs ~ 0.1 deg.
Table 6 shows what level of the phase shift correction is necessary to be reached in order to
lower the error caused by the phase shift to an acceptable value. It can be seen that we
need to correct the phase shift to a value lower than 0.1 deg. This value can be easily
reached by the phase shift compensation filter introduced in Section 2.7.3, compensating
with the step of 0.013 deg. The value 0.013 deg. allows negligible error of the instant power
caused by the phase shift to be reached.
Data from Table 6 are depicted in Figure 19, Figure 20, and Figure 21.
Table 6. Error of instant power caused by phase shift
Sampling time trigger shifted
by [deg.]
Error of instant power [%]
for PF = 1
Error of instant power [%]
for PF = 0.5
0.01
0.000002
0.030232
0.02
0.000006
0.060466
0.05
0.000038
0.151200
0.1
0.000152
0.302500
0.2
0.000609
0.605200
0.5
0.003808
1.515300
1
0.015230
3.038100
2
0.060917
6.105700
5
0.380500
15.476300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38