Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3322 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 9Page - STMicroelectronics AN3322 Datasheet HTML 10Page - STMicroelectronics AN3322 Datasheet HTML 11Page - STMicroelectronics AN3322 Datasheet HTML 12Page - STMicroelectronics AN3322 Datasheet HTML 13Page - STMicroelectronics AN3322 Datasheet HTML 14Page - STMicroelectronics AN3322 Datasheet HTML 15Page - STMicroelectronics AN3322 Datasheet HTML 16Page - STMicroelectronics AN3322 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID18304 Rev 1
13/38
AN3322
Watt-hour meter using the STM32
1.8
Power and energy measurement by STM32 embedded ADC
This section gives a complete overview of the whole hardware and firmware of the STM32
power meter design. Figure 5 shows a block diagram of the firmware, Figure 6 and Figure 7
show the physical realization of the current and voltage path.
Figure 5. Complete block diagram of the algorithm used in STM32 power meter
Figure 5 shows the algorithm flow measurement.
A fast measurement of the current and voltage with injected noise from surrounding
environment triggered by network synchronized timer
Decimation of measured samples
RMS values computation
Use of a precise RTC clock source for energy computation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38