Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3270 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3270
Description  Using the STM8L16x AES hardware accelerator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3270 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3270 Datasheet HTML 15Page - STMicroelectronics AN3270 Datasheet HTML 16Page - STMicroelectronics AN3270 Datasheet HTML 17Page - STMicroelectronics AN3270 Datasheet HTML 18Page - STMicroelectronics AN3270 Datasheet HTML 19Page - STMicroelectronics AN3270 Datasheet HTML 20Page - STMicroelectronics AN3270 Datasheet HTML 21Page - STMicroelectronics AN3270 Datasheet HTML 22Page - STMicroelectronics AN3270 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN3270
Conclusion
Doc ID 17919 Rev 2
21/23
4
Conclusion
This application note gives an introduction to the AES hardware accelerator embedded in
STM8L16x microcontrollers which can be used for data encryption/decryption with minimal
CPU load and memory usage. The main operating modes have been presented in Section 1
on page 3.
A description has been given of the software available for the AES with this application note.
Section 2 on page 13 described the peripheral driver with an abstraction layer for easy use
of the peripheral, Section 3 on page 15 described a set of examples that can be used as a
quick start for developing your own code and an in-depth example using AES block chaining
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23