Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3270 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3270
Description  Using the STM8L16x AES hardware accelerator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3270 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3270 Datasheet HTML 9Page - STMicroelectronics AN3270 Datasheet HTML 10Page - STMicroelectronics AN3270 Datasheet HTML 11Page - STMicroelectronics AN3270 Datasheet HTML 12Page - STMicroelectronics AN3270 Datasheet HTML 13Page - STMicroelectronics AN3270 Datasheet HTML 14Page - STMicroelectronics AN3270 Datasheet HTML 15Page - STMicroelectronics AN3270 Datasheet HTML 16Page - STMicroelectronics AN3270 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN3270
AES peripheral driver
Doc ID 17919 Rev 2
13/23
2
AES peripheral driver
An AES driver written in C language (stm8l15x_aes.c/.h) is available in the
STM8L15x_StdPeriph_Lib standard firmware package. This driver provides an abstraction
layer to make it easier to use the AES hardware accelerator.
A flowchart of encryption mode using the driver is shown in Figure 10.
To help you get started quickly, a set of examples is available in the
STM8L15x_StdPeriph_Lib package:
●
AES_KeyDerivation: how to get the decryption key from the encryption key
●
AES_EncryptionDecryption: how to encrypt and decrypt a single data block
●
AES_EncryptionDecryptionBlocks: how to use the DMA peripheral to manage
reading/writing data from/to AES data registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23