| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3269 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3269 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 19 page ![]() AN3269 Conclusion Doc ID 17904 Rev 1 17/19 3 Conclusion A multitude of new mobile, communications-based, wireless, entertainment and computing applications being developed for tomorrow’s markets need more and more performance and longer times between battery recharging. STM8L both combines high performance core and ultra-low-power consumption modes. This example allows you to evaluate the current consumption of the STM8L microcontroller in various operating conditions and to demonstrate its low-power capabilities by directly providing the consumption value to STM8L-DISCOVERY users on the LCD panel. With this example, STM8L-DISCOVERY provide a very low cost environment that can be used for additional development projects where device consumption and application autonomy take on their full meaning. It can be a useful starting point that can easily expanded to investigate other aspects of the user’s target application. |