Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3269 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3269
Description  This application note introduces some
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3269 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3269 Datasheet HTML 10Page - STMicroelectronics AN3269 Datasheet HTML 11Page - STMicroelectronics AN3269 Datasheet HTML 12Page - STMicroelectronics AN3269 Datasheet HTML 13Page - STMicroelectronics AN3269 Datasheet HTML 14Page - STMicroelectronics AN3269 Datasheet HTML 15Page - STMicroelectronics AN3269 Datasheet HTML 16Page - STMicroelectronics AN3269 Datasheet HTML 17Page - STMicroelectronics AN3269 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Software description
AN3269
14/19
Doc ID 17904 Rev 1
Figure 6.
Measurement and display flowchart
As shown in Figure 6, the ADC conversion is performed 8 times in succession and an
average value is computed at the end before to be converted and displayed on LCD.
Run, Low power run & Halt modes
For IDD measurement in Run mode, there is no particular setup needed other that
performed during the STM8L152 power on initialization. For this function, the application
goes directly to IDD measurement and display routine.
For other functions such as Low power run (with or without LCD) and Halt, here are detailed
the flowcharts of the specific device configuration:
START
Disable interrupts
ADC init
Get conversion
8 times?
Disable external
counter U3
NO
YES
Disable ADC
peripheral
Perform average
convert value
display on LCD
END
IDD measurement & display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19