Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3255 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics AN3255 Datasheet HTML 19Page - STMicroelectronics AN3255 Datasheet HTML 20Page - STMicroelectronics AN3255 Datasheet HTML 21Page - STMicroelectronics AN3255 Datasheet HTML 22Page - STMicroelectronics AN3255 Datasheet HTML 23Page - STMicroelectronics AN3255 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3255
I2C Read and Write functions
Doc ID 17784 Rev 1
21/24
B.1
I2C Page Write flowchart
The Page Write function performs write accesses to the CR14 registers. Its parameters are
the buffer containing the bytes to be written to the CR14, the CR14 write address and the
number of bytes to be written.
Figure 6 shows the detailed flowchart of the I2C_Page_Write function.
Figure 6.
I2C Page Write flowchart
Start
I²C bus busy ?
YES
NO
Send
START condition
START condition
generated ?
YES
NO
Send
CR14 Device Select Code
with R/W=0
END of Address
transmission ?
Send register
write address
Data byte transfer
succeeded ?
Number of data
to be written > 0 ?
Send Data byte
Data byte transfer
succeeded ?
Generate
STOP condition
END
NO
YES
NO
YES
YES
NO
Number of data
to be written --
ai18402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24