Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3255 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3255
Description  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics AN3255 Datasheet HTML 12Page - STMicroelectronics AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3255
Application description
Doc ID 17784 Rev 1
13/24
The efficiency of data transfers between the RFID reader and tag depends on the tuning of
their respective antenna. This is done by adjusting the following components:
●
CS is the serial capacitance used to adapt the impedance of the reader antenna RLC
equivalent circuit:
CS = C8 + C8’
●
CP is the parallel capacitance used to tune the resonant frequency of the reader RLC
equivalent circuit:
CP = C7 + C7’
●
RS is the serial resistor used to fine tune the quality factor of the reader RLC resonant
equivalent circuit:
RS = R8
Refer to application note AN1806 for details on how to design a reader antenna and infer the
values of CP, CS and RS. This document is associated with a software tool using the Grover
method to calculate the inductance of rectangular planar antennas.
Warning:
The values of CS, CP, and RS are dependant. Tuning one of
them impacts the 2 others. The best compromise must be
found to achieve a good tuning for the reader antenna (refer
to AN1806).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24