Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2946 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 24Page - STMicroelectronics AN2946 Datasheet HTML 25Page - STMicroelectronics AN2946 Datasheet HTML 26Page - STMicroelectronics AN2946 Datasheet HTML 27Page - STMicroelectronics AN2946 Datasheet HTML 28Page - STMicroelectronics AN2946 Datasheet HTML 29Page - STMicroelectronics AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Firmware design
AN2946
28/38
Doc ID 15473 Rev 2
In system monitoring management, LED_Fault IRQ is the only interrupt to trigger the MCU
EXTI peripheral which is implemented by the hardware and firmware. In some abnormal
situations, the primary current of LED driving might rise radically, and then the pulse-shaped
LED_Fault signal is generated by a comparator. Several rising edges of this interrupt in EXTI
tell the controller to stop driving the LED and wait for system recovery. The flowchart is
shown in Figure 37.
Figure 37.
LED_fault IRQ flowchart
A complete monitoring system should include a self-recovery function. Every second, which
is defined by 'Timth1', the controller tries to recover system errors by clearing 'ErrorFlag'.
This enables all the error functions paused at the last system monitoring routine to run
again. The system self-recovery flowchart is shown in Figure 38.
Figure 38.
System self-recovery flowchart
To prevent battery power backflow through the charger, KCHG should be turned off when
charging current is very low. In normal conditions, KCHG is turned on to reduce power loss in
its body diode. The flowchart of anti-backflow for the battery charger is shown in Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38