| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2946 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2946 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 38 page ![]() Hardware design AN2946 14/38 Doc ID 15473 Rev 2 Figure 12. LED lamp driver circuit 3.1.4 Analog signal acquisition circuit The operating voltage, current and temperature of the battery and LED lamp are monitored by the MCU. The temperature sensing circuits are illustrated in Figure 13. The voltage and current sensing circuits are shown in Figure 14. For the battery charger and LED lamp driver, NTC(s) is soldered on the heat sink of MOSFET (or rectifier). The operating temperature of the MOSFET (or rectifier) is sensed via NTC(s) and sent to the MCU. These key power components are protected against overtemperature. For the battery and LED lamp, the sensing NTC(s) is applied on the battery case and the heat sink of the LED lamp with wires connected to P4 and P5. For each temperature sensing circuit, a simple RC filter is added before the signal feeds to the MCU. The temperature sensing is not only for protection but also applicable for charge pattern optimization online. The battery life is prolonged. |