| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2834 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 45 page ![]() DocID15067 Rev 2 39/45 AN2834 How to get the best ADC accuracy 44 Software change: The side effect mentioned above can be solved by software. The objective is to create a delay in order to let Cext discharge through Rin (not measure so often) giving enough “discharge time” between ADC conversions. The “discharge time” (tC) is equal to the transferred charge from Csh to Cext (charging) and from Cext to Rin (discharging). The assumption is that Cext >> Csh. where: Ulsb ....... 0.5 lsb voltage level Umax ..... 4096 lsb voltage level (worst case) Qcharging = Qdischarging Simplification of the above formula gives the final formula for the required waiting time between conversions: This final formula shows dependency between the external capacitor Cext and the required waiting time between two conversions if the precision Ulsb is needed. From the same formula you can see that the argument in logarithm must be positive and therefore there is a condition for the minimal value of Cext: Choosing a larger Cext decreases more the time between conversions (tC). An extra large Cext (Cext>> ) enables sampling more often. However, increasing Cext limits the frequency bandwidth of measurement signal (increasing the “external” timing constant Rin . Cext). Qch ing arg Qsh Csh Umax == Qdisch ing arg Ulsb Rin ----------- e t RinCext ------------------- – t d 0 tC = Csh Umax Ulsb Rin ----------- e t RinCext ------------------- t d 0 tC = tC Rin Cext – In 1 Csh Cext ----------- Umax Ulsb -------------- – = 1 Csh Cext ----------- Umax Ulsb -------------- – 0 1 Csh Cext ----------- Umax Ulsb -------------- Cext Csh Umax Ulsb -------------- Csh Umax Ulsb -------------- |