Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2675 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN2675
Description  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 15Page - STMicroelectronics AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics AN2675 Datasheet HTML 18Page - STMicroelectronics AN2675 Datasheet HTML 19Page - STMicroelectronics AN2675 Datasheet HTML 20Page - STMicroelectronics AN2675 Datasheet HTML 21Page - STMicroelectronics AN2675 Datasheet HTML 22Page - STMicroelectronics AN2675 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN2675
IAP using HTTP
19/24
Figure 14.
Flowchart of the IAP using HTTP
Start
Joystick
position in?
IAP initialization
Client
connected
Display a home page
POST message
Erase needed Flash memory sectors
Receiving and loading data
End of
file
Jump to user application
No
No
No
Yes
Yes
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24