Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2675 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN2675
Description  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 10Page - STMicroelectronics AN2675 Datasheet HTML 11Page - STMicroelectronics AN2675 Datasheet HTML 12Page - STMicroelectronics AN2675 Datasheet HTML 13Page - STMicroelectronics AN2675 Datasheet HTML 14Page - STMicroelectronics AN2675 Datasheet HTML 15Page - STMicroelectronics AN2675 Datasheet HTML 16Page - STMicroelectronics AN2675 Datasheet HTML 17Page - STMicroelectronics AN2675 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
IAP using TFTP
AN2675
14/24
1.
1. Using the CAPS tool, remap the banks of the Flash memory like this:
Bank 1 at 0x00 and make it the boot bank at power up.
Bank 0 at 0x80000.
2.
Using JTAG, load the IAP driver into Bank1.
3.
On the host PC, start TFTPD32 and make sure that the configuration is as described in
Section 2.4.2: PC configuration.
4.
Place the binary file of the new firmware to be loaded in the Base Directory, selected in
the TFTPD32, and make sure that the project configuration described Section 2.4.2:
PC configuration was respected.
5.
Enter the size of the file in number of 512bytes in the option field of the dialog box.
6.
Connect the STR912 board to a PC using a crossover Ethernet cable or through an
Ethernet switch.
7.
If you are using a firewall application, you will need to disable it.
8.
Press the reset button while holding the joystick button pressed in to start the IAP
process.
9.
Finally, if you want to reset your application you have just to press the reset button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24