Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2540 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2540
Description  EEPROM emulation in STR91xFxx devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2540 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2540 Datasheet HTML 17Page - STMicroelectronics AN2540 Datasheet HTML 18Page - STMicroelectronics AN2540 Datasheet HTML 19Page - STMicroelectronics AN2540 Datasheet HTML 20Page - STMicroelectronics AN2540 Datasheet HTML 21Page - STMicroelectronics AN2540 Datasheet HTML 22Page - STMicroelectronics AN2540 Datasheet HTML 23Page - STMicroelectronics AN2540 Datasheet HTML 24Page - STMicroelectronics AN2540 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Embedded application aspects
AN2540 - Application note
22/25
4.4.2
Program timing
The following table gives an idea about the emulated EEPROM write time related to the
current implementation.
It is clear that updating a variable with the 1st method scheme takes less time than with the
2nd method scheme since only the corresponding allocated memory space is accessed in
the first case and not the whole sector.
Table 9.
Write time related to the current implementation
Implemented scheme
Parameter
Write time (typical)
Write time (max)(1)
1.
This is the time taken to update a variable that makes a call to the EepromSectorTransfer(..) function. It is
nearly equal to the sector erase time.
1st method scheme
20 µs
300 ms
2nd method scheme
30 µs
300 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25