| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2540 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2540 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 25 page ![]() AN2540 - Application note Implementing the EEPROM emulation 11/25 Figure 3. Sector swap scheme: Sector0 erased 3.2.2 EEPROM software description This section describes the driver implemented for EEPROM emulation using the STR91xFxx Flash library provided by STMicroelectronics. A demonstration program is also supplied to demonstrate and test the EEPROM Emulation driver using the three variables A, B and C already defined. The project contains three source files in addition to the FMI library source files: ● eeprom.c: containing C code for the following routines: EepromFormat() WriteVariable() ReadVariable() FindValidSector() WriteVerifyVariableFull() EepromSectorTransfer() ● eeprom.h: Containing the routines’ prototypes and some declarations. ● main.c: This application program is an example using the routines described in eeprom.c. A(t) values B(t) values C(t) values 0x0000 0000 0x0000 1FFF A(t0) B(t0) C(t0) Sector0 Erased Sector1 Header A(t) values B(t) values C(t) values 0x0000 2000 0x0000 3FFF Sector1 Update Update Update Sector swap (Erase one when using the other) A(t0 + tA) A(t0 + n × tA) B(t0 + m × tB) C(t0 + p × tC) Sector0 Header 0 A(t + (n + 1) × tA) B(t0 + m × tB) 0 C(t + p × tC) ai14087 |